Part Number Hot Search : 
TXMEGA64 LTC1045 UZ114 24H28 378R33 AK4355VF PVD2352 1N4730
Product Description
Full Text Search
 

To Download P2300ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CATV Line Amplifiers/Power Inserters ME SIDACtor Device
CATV Line Amplifiers/Power Inserters ME SIDACtor Device
1 2
This SIDACtor device is a 5000 A solid state protection device offered in a non-isolated TO-218 package. It protects equipment located in the severe surge environment of CATV (Community Antenna TV) applications. In CATV line amplifiers and power inserters, this device can replace the gas tubes traditionally used for station protection because SIDACtor devices have much tighter voltage tolerances.
Electrical Parameters
Part Number * P1500ME P1900ME P2300ME VDRM Volts 140 140 180 VS Volts 180 220 260 VT Volts 4 4 4 IDRM Amps 5 5 5 IS mAmps 800 800 800 IT Amps ** 2.2/25 2.2/25 2.2/25 IH mAmps 50 50 50 CO pF 750 750 750
* For surge ratings, see table below. ** IT is a free air rating; heat sink IT rating is 25 A. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request. * Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias and is a typical value.
Surge Ratings
IPP 8x20 s Amps 5000 ITSM 60 Hz Amps 400 di/dt Amps/s 630
Series E
http://www.littelfuse.com +1 972-580-7777
2 - 62
(c) 2004 Littelfuse, Inc. SIDACtor(R) Data Book and Design Guide
CATV Line Amplifiers/Power Inserters ME SIDACtor Device
Thermal Considerations
Package TO-218
2
Symbol TJ TS TC RJC * RJA
Parameter Operating Junction Temperature Range Storage Temperature Range Maximum Case Temperature Thermal Resistance: Junction to Case Thermal Resistance: Junction to Ambient
Value -40 to +150 -65 to +150 100 1.7 56
Unit C C C C/W C/W
1
2
3 (No Connection)
* RJC rating assumes the use of a heat sink and on state mode for extended time at 25 A, with average power dissipation of 29.125 W.
+I
IPP - Peak Pulse Current - %IPP
tr = rise time to peak value td = decay time to half value
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
Waveform = tr x td
50
Half Value
0 0 tr td t - Time (s)
-I
V-I Characteristics tr x td Pulse Wave-form
14
Percent of VS Change - %
12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH IH (TC = 25 C)
10
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
(c) 2004 Littelfuse, Inc. SIDACtor(R) Data Book and Design Guide
2 - 63
http://www.littelfuse.com +1 972-580-7777
Data Sheets


▲Up To Search▲   

 
Price & Availability of P2300ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X